| データシートサーチシステム |
|
STM32W108CB データシート(PDF) 141 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108CB データシート(HTML) 141 Page - STMicroelectronics |
|
141 / 179 page ![]() STM32W108CB, STM32W108HB Analog-to-digital converter Doc ID 16252 Rev 2 141/179 9.3.7 ADC DMA buffer size register (ADC_DMASIZE) Address offset: 0xD01C Reset value: 0x0000 0000 9.3.8 ADC DMA current address register (ADC_DMACUR) Address offset: 0xD020 Reset value: 0x2000 0000 9.3.9 ADC DMA count register (ADC_DMACNT) Address offset: 0x0000 Reset value: 0x0000 0000 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ADC_DMASIZE_FIELD rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw [11:0] ADC_DMASIZE_FIELD: ADC buffer size. This is the number of 16-bit ADC conversion results the buffer can hold, not its length in bytes. (The length in bytes is twice this value.) 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ADC_DMACUR_FIELD rw rw rw r r r r r rr rr rr r rw [12:1] ADC_DMACUR_FIELD: Current DMA address: the location that will be written next by the DMA. 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ADC_DMACNT_FIELD rw rw rw rw r r r r r r r r r r r r [11:0] ADC_DMACNT_FIELD: DMA count: the number of 16-bit conversion results that have been written to the buffer. |