データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32W108CB データシート(PDF) 144 Page - STMicroelectronics

部品番号 STM32W108CB
部品情報  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB データシート(HTML) 144 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 140Page - STMicroelectronics STM32W108CB Datasheet HTML 141Page - STMicroelectronics STM32W108CB Datasheet HTML 142Page - STMicroelectronics STM32W108CB Datasheet HTML 143Page - STMicroelectronics STM32W108CB Datasheet HTML 144Page - STMicroelectronics STM32W108CB Datasheet HTML 145Page - STMicroelectronics STM32W108CB Datasheet HTML 146Page - STMicroelectronics STM32W108CB Datasheet HTML 147Page - STMicroelectronics STM32W108CB Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 179 page
background image
Interrupts
STM32W108CB, STM32W108HB
144/179
Doc ID 16252 Rev 2
NMI
2
Cannot be stopped or preempted by any exception but reset.
Asynchronous.
Hard Fault
3
All classes of fault, when the fault cannot activate because of priority
or the Configurable Fault handler has been disabled. Synchronous.
Memory Fault
4
MPU mismatch, including access violation and no match.
Synchronous.
Bus Fault
5
Pre-fetch, memory access, and other address/memory-related faults.
Synchronous when precise and asynchronous when imprecise.
Usage Fault
6
Usage fault, such as 'undefined instruction executed' or 'illegal state
transition attempt'. Synchronous.
-
7-10
Reserved.
SVCall
11
System service call with SVC instruction. Synchronous.
Debug Monitor
12
Debug monitor, when not halting. Synchronous, but only active when
enabled. It does not activate if lower priority than the current
activation.
-
13
Reserved.
PendSV
14
Pendable request for system service. Asynchronous and only pended
by software.
SysTick
15
System tick timer has fired. Asynchronous.
Timer 1
16
Timer 1 peripheral interrupt.
Timer 2
17
Timer 2 peripheral interrupt.
Management
18
Management peripheral interrupt.
Baseband
19
Baseband peripheral interrupt.
Sleep Timer
20
Sleep Timer peripheral interrupt.
Serial Controller 1
21
Serial Controller 1 peripheral interrupt.
Serial Controller 2
22
Serial Controller 2 peripheral interrupt.
Security
23
Security peripheral interrupt.
MAC Timer
24
MAC Timer peripheral interrupt.
MAC Transmit
25
MAC Transmit peripheral interrupt.
MAC Receive
26
MAC Receive peripheral interrupt.
ADC
27
ADC peripheral interrupt.
IRQA
28
IRQA peripheral interrupt.
IRQB
29
IRQB peripheral interrupt.
IRQC
30
IRQC peripheral interrupt.
IRQD
31
IRQD peripheral interrupt.
Debug
32
Debug peripheral interrupt.
Table 21.
NVIC exception table (continued)
Exception
Position
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More