| データシートサーチシステム |
|
STM8L151C4U3 データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151C4U3 データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 101 page ![]() STM8L151xx, STM8L152xx Pin description Doc ID 15962 Rev 2 23/101 4 Pin description Figure 3. STM8L151Gx 28-pin package pinout Figure 4. STM8L151Kx 32-pin package pinout (without LCD) 1. Example given for the WFQFPN32 package. The pinout is the same for the LQFP32 package. Figure 5. STM8L152Kx 32-pin package pinout (with LCD) 1. Example given for the WFQFPN32 package. The pinout is the same for the LQFP32 package. PA5 VSS/VSSA/VREF- VDD/VDDA/VREF+ NRST/PA1 PA2 PA4 PB6 PB5 PB4 PB3 PC0 PD4 PB7 2 1 3 4 5 6 7 9 8 10 11 12 13 14 20 21 19 18 17 16 15 27 28 26 25 24 23 22 PA3 1 2 3 4 5 6 7 8 910 11 12 13 14 15 16 17 18 19 20 21 22 23 24 32 31 30 29 28 27 26 25 PA5 VSS NRST/PA1 PA2 PA3 PA4 PA6 VDD PB5 PB4 PD4 PB7 PB6 PD7 PD6 PD5 1 2 3 4 5 6 7 8 910 11 12 13 14 15 16 17 18 19 20 21 22 23 24 32 31 30 29 28 27 26 25 PA5 VSS NRST/PA1 PA2 PA3 PA4 PA6 VDD PB5 PB4 PD4 PB7 PB6 PD7 PD6 PD5 |