データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8L152C4U3 データシート(PDF) 29 Page - STMicroelectronics

部品番号 STM8L152C4U3
部品情報  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152C4U3 データシート(HTML) 29 Page - STMicroelectronics

Back Button STM8L152C4U3 Datasheet HTML 25Page - STMicroelectronics STM8L152C4U3 Datasheet HTML 26Page - STMicroelectronics STM8L152C4U3 Datasheet HTML 27Page - STMicroelectronics STM8L152C4U3 Datasheet HTML 28Page - STMicroelectronics STM8L152C4U3 Datasheet HTML 29Page - STMicroelectronics STM8L152C4U3 Datasheet HTML 30Page - STMicroelectronics STM8L152C4U3 Datasheet HTML 31Page - STMicroelectronics STM8L152C4U3 Datasheet HTML 32Page - STMicroelectronics STM8L152C4U3 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 101 page
background image
STM8L151xx, STM8L152xx
Pin description
Doc ID 15962 Rev 2
29/101
34 22
-
PD5/TIM1_CH3
/LCD_SEG19(2)/
ADC1_IN9/COMP1_INP
I/O
X
X
X
HS
X
X Port D5
Timer 1 - channel 3 / LCD
segment 19 / ADC1_IN9/
Comparator 1 positive input
35 23
-
PD6/TIM1_BKIN
/LCD_SEG20(2)/
ADC1_IN8/RTC_CALIB/
VREF_OUT/
COMP1_INP
I/O
X
X
X
HS
X
X Port D6
Timer 1 - break input / LCD
segment 20 / ADC1_IN8 / RTC
calibration / Voltage reference
output / Comparator 1 positive
input
36 24
-
PD7/TIM1_CH1N
/LCD_SEG21(2)/
ADC1_IN7/RTC_ALARM/
VREF_OUT/
COMP1_INP
I/O
X
X
X
HS
X
X Port D7
Timer 1 - inverted channel 1/
LCD segment 21 / ADC1_IN7 /
RTC alarm / Voltage reference
output /Comparator 1 positive
input
14
-
- PE0/LCD_SEG1(2)
I/O FT
X
X
X
HS
X
X Port E0
LCD segment 1
15
-
-
PE1/TIM1_CH2N
/LCD_SEG2(2)
I/O
X
X
X
HS
X
X Port E1
Timer 1 - inverted channel 2 /
LCD segment 2
16
-
-
PE2/TIM1_CH3N
/LCD_SEG3(2)
I/O
X
XX
HS
X
X Port E2
Timer 1 - inverted channel 3 /
LCD segment 3
17
-
- PE3/LCD_SEG4(2)
I/O
X
XX
HS
X
X Port E3
LCD segment 4
18
-
- PE4/LCD_SEG5(2)
I/O
X
XX
HS
X
X Port E4
LCD segment 5
19
-
-
PE5/LCD_SEG6(2)/
ADC1_IN23/COMP2_INP/
COMP1_INP
I/O
X
XX
HS
X
X Port E5
LCD segment 6 / ADC1_IN23
/ Comparator 2 positive input /
Comparator 1 positive input
47
-
-
PE6/LCD_SEG26(2)/
PVD_IN
I/O
X
XX
HS
X
X Port E6
LCD segment 26/PVD_IN
48
-
- PE7/LCD_SEG27(2)
I/O
X
XX
HS
X
X Port E7
LCD segment 27
32
-
-
PF0/ADC1_IN24/
DAC_OUT
I/O
X
XX
HS
X
X Port F0
ADC1_IN24 / DAC_OUT
13
9
- VLCD(2)
S
LCD booster external capacitor
13
-
- Reserved(5)
Reserved. Must be tied to VDD
10
-
- VDD
S
Digital power supply
11
-
- VDDA
S
Analog supply voltage
12
-
- VREF+
S
ADC1 and DAC positive voltage reference
Table 4.
STM8L15x pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More