| データシートサーチシステム |
|
STM32F101T6T6ATR データシート(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F101T6T6ATR データシート(HTML) 33 Page - STMicroelectronics |
|
33 / 73 page ![]() STM32F101x4, STM32F101x6 Electrical characteristics Doc ID 15058 Rev 3 33/74 Table 12. Maximum current consumption in Run mode, code with data processing running from Flash Symbol Parameter Conditions fHCLK Max(1) 1. Based on characterization, not tested in production. Unit TA = 85 °C IDD Supply current in Run mode External clock (2), all peripherals enabled 2. External clock is 8 MHz and PLL is on when fHCLK > 8 MHz. 36 MHz 26 mA 24 MHz 18 16 MHz 13 8 MHz 7 External clock (2), all peripherals Disabled 36 MHz 19 24 MHz 13 16 MHz 10 8 MHz 6 Table 13. Maximum current consumption in Run mode, code with data processing running from RAM Symbol Parameter Conditions fHCLK Max(1) 1. Based on characterization, tested in production at VDD max, fHCLK max. Unit TA = 85 °C IDD Supply current in Run mode External clock (2), all peripherals enabled 2. External clock is 8 MHz and PLL is on when fHCLK > 8 MHz. 36 MHz 20 mA 24 MHz 14 16 MHz 10 8 MHz 6 External clock(2) all peripherals disabled 36 MHz 15 24 MHz 10 16 MHz 7 8 MHz 5 |