データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8L152C6U6 データシート(PDF) 28 Page - STMicroelectronics

部品番号 STM8L152C6U6
部品情報  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152C6U6 データシート(HTML) 28 Page - STMicroelectronics

Back Button STM8L152C6U6 Datasheet HTML 24Page - STMicroelectronics STM8L152C6U6 Datasheet HTML 25Page - STMicroelectronics STM8L152C6U6 Datasheet HTML 26Page - STMicroelectronics STM8L152C6U6 Datasheet HTML 27Page - STMicroelectronics STM8L152C6U6 Datasheet HTML 28Page - STMicroelectronics STM8L152C6U6 Datasheet HTML 29Page - STMicroelectronics STM8L152C6U6 Datasheet HTML 30Page - STMicroelectronics STM8L152C6U6 Datasheet HTML 31Page - STMicroelectronics STM8L152C6U6 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 101 page
background image
Pin description
STM8L151xx, STM8L152xx
28/101
Doc ID 15962 Rev 2
20
-
8
PD0/TIM3_CH2/
[ADC1_TRIG](3)/
LCD_SEG7(2)/ADC1_IN2
2/COMP2_INP/
COMP1_INP
I/O
X
X
X
HS
X
X Port D0
Timer 3 - channel 2 /
[ADC1_Trigger] / LCD segment 7
/ ADC1_IN22 / Comparator 2
positive input / Comparator 1
positive input
-9
-
PD0/TIM3_CH2/
[ADC1_TRIG](3)/
ADC1_IN22/COMP2_INP/
COMP1_INP
I/O
X
X
X
HS
X
X
Port
D0(5)
Timer 3 - channel 2 /
[ADC1_Trigger] / ADC1_IN22 /
Comparator 2 positive input /
Comparator 1 positive input
21
-
-
PD1/TIM3_TRIG/
LCD_COM3(2)/
ADC1_IN21/COMP2_INP/
COMP1_INP
I/O
X
X
X
HS
X
X Port D1
Timer 3 - trigger / LCD_COM3 /
ADC1_IN21 / comparator 2
positive input / Comparator 1
positive input
-10
-
PD1/TIM1_CH3N/[TIM3_T
RIG](3)/ LCD_COM3(2)/
ADC1_IN21/COMP2_INP/
COMP1_INP
I/O
X
X
X
HS
X
X Port D1
[Timer 3 - trigger]/ TIM1 inverted
channel 3 / LCD_COM3/
ADC1_IN21 / Comparator 2
positive input / Comparator 1
positive input
--
9
PD1/TIM1_CH3/[TIM3_TR
IG](3)/LCD_COM3(2)/
ADC1_IN21/COMP2_INP/
COMP1_INP
I/O
X
X
X
HS
X
X Port D1
Timer 1 channel 3 / [Timer 3 -
trigger] / LCD_COM3/
ADC1_IN21 / Comparator 2
positive input / Comparator 1
positive input
22 11 10
PD2/TIM1_CH1
/LCD_SEG8(2)/
ADC1_IN20/COMP1_INP
I/O
X
X
X
HS
X
X Port D2
Timer 1 - channel 1 / LCD
segment 8 / ADC1_IN20 /
Comparator 1 positive input
23 12
-
PD3/ TIM1_TRIG/
LCD_SEG9(2)/ADC1_IN1
9/COMP1_INP
I/O
X
X
X
HS
X
X Port D3
Timer 1 - trigger / LCD segment 9
/ ADC1_IN19 / Comparator 1
positive input
--
11
PD3/ TIM1_TRIG/
LCD_SEG9(2)/
ADC1_IN19/TIM1_BKIN/
COMP1_INP/
RTC_CALIB
I/O
X
X
X
HS
X
X Port D3
Timer 1 - trigger / LCD segment 9
/ ADC1_IN19 / Timer 1 break
input / RTC calibration /
Comparator 1 positive input
33 21 20
PD4/TIM1_CH2
/LCD_SEG18(2)/
ADC1_IN10/COMP1_INP
I/O
X
X
X
HS
X
X Port D4
Timer 1 - channel 2 / LCD
segment 18 / ADC1_IN10/
Comparator 1 positive input
Table 4.
STM8L15x pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More