| データシートサーチシステム |
|
STM32F103C8H6TR データシート(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103C8H6TR データシート(HTML) 60 Page - STMicroelectronics |
|
60 / 92 page ![]() Electrical characteristics STM32F103x8, STM32F103xB 60/92 Doc ID 13587 Rev 11 Figure 24. I/O AC characteristics definition 5.3.13 NRST pin characteristics The NRST pin input driver uses CMOS technology. It is connected to a permanent pull-up resistor, RPU (see Table 34). Unless otherwise specified, the parameters given in Table 37 are derived from tests performed under the ambient temperature and VDD supply voltage conditions summarized in Table 9. ai14131 10% 90% 50% tr(IO)out OUTPUT EXT ERNAL ON 50pF Maximum fr equency is achieved if (tr + tf) 2/3)T and if the duty cycle is (45-55%) 10% 50% 90% when loaded by 50pF T tr(IO)out Table 37. NRST pin characteristics Symbol Parameter Conditions Min Typ Max Unit VIL(NRST) (1) 1. Guaranteed by design, not tested in production. NRST Input low level voltage –0.5 0.8 V VIH(NRST) (1) NRST Input high level voltage 2 VDD+0.5 Vhys(NRST) NRST Schmitt trigger voltage hysteresis 200 mV RPU Weak pull-up equivalent resistor(2) 2. The pull-up is designed with a true resistance in series with a switchable PMOS. This PMOS contribution to the series resistance must be minimum (~10% order) . VIN VSS 30 40 50 k VF(NRST) (1) NRST Input filtered pulse 100 ns VNF(NRST) (1) NRST Input not filtered pulse 300 ns |