| データシートサーチシステム |
|
STM32F103CBU6TR データシート(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103CBU6TR データシート(HTML) 29 Page - STMicroelectronics |
|
29 / 92 page ![]() STM32F103x8, STM32F103xB Pinouts and pin description Doc ID 13587 Rev 11 29/92 A10 34 A8 46 72 25 PA13 I/O FT JTMS/SWDIO PA13 F8 - - - 73 - Not connected E6 35 D5 47 74 26 VSS_2 SVSS_2 F6 36 E5 48 75 27 VDD_2 SVDD_2 A9 37 A7 49 76 28 PA14 I/O FT JTCK/SWCLK PA14 A8 38 A6 50 77 29 PA15 I/O FT JTDI TIM2_CH1_ETR/ PA15 /SPI1_NSS B9 - B7 51 78 PC10 I/O FT PC10 USART3_TX B8 - B6 52 79 PC11 I/O FT PC11 USART3_RX C8 - C5 53 80 PC12 I/O FT PC12 USART3_CK D8 5 C1 5 81 2 PD0 I/O FT OSC_IN(9) CANRX E8 6 D1 6 82 3 PD1 I/O FT OSC_OUT(9) CANTX B7 B5 54 83 - PD2 I/O FT PD2 TIM3_ETR C7 - - - 84 - PD3 I/O FT PD3 USART2_CTS D7 - - - 85 - PD4 I/O FT PD4 USART2_RTS B6 - - - 86 - PD5 I/O FT PD5 USART2_TX C6 - - - 87 - PD6 I/O FT PD6 USART2_RX D6 - - - 88 - PD7 I/O FT PD7 USART2_CK A7 39 A5 55 89 30 PB3 I/O FT JTDO TIM2_CH2 / PB3 TRACESWO SPI1_SCK A6 40 A4 56 90 31 PB4 I/O FT JNTRST TIM3_CH1/ PB4/ SPI1_MISO C5 41 C4 57 91 32 PB5 I/O PB5 I2C1_SMBAl TIM3_CH2 / SPI1_MOSI B5 42 D3 58 92 33 PB6 I/O FT PB6 I2C1_SCL(8)/ TIM4_CH1(8) USART1_TX A5 43 C3 59 93 34 PB7 I/O FT PB7 I2C1_SDA(8)/ TIM4_CH2(8) USART1_RX D5 44 B4 60 94 35 BOOT0 I BOOT0 B4 45 B3 61 95 - PB8 I/O FT PB8 TIM4_CH3(8) I2C1_SCL / CANRX A4 46 A3 62 96 - PB9 I/O FT PB9 TIM4_CH4(8) I2C1_SDA/ CANTX Table 5. Medium-density STM32F103xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |