| データシートサーチシステム |
|
STM32F103VET6TR データシート(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103VET6TR データシート(HTML) 33 Page - STMicroelectronics |
|
33 / 123 page ![]() STM32F103xC, STM32F103xD, STM32F103xE Pinouts and pin descriptions Doc ID 14611 Rev 7 33/123 J9 H9 - - 57 79 PD10 I/O FT PD10 FSMC_D15 USART3_CK H9 G9 - - 58 80 PD11 I/O FT PD11 FSMC_A16 USART3_CTS L10 K10 - - 59 81 PD12 I/O FT PD12 FSMC_A17 TIM4_CH1 / USART3_RTS K10 J10 - - 60 82 PD13 I/O FT PD13 FSMC_A18 TIM4_CH2 G8 - - - - 83 VSS_8 SVSS_8 F8 - - - - 84 VDD_8 SVDD_8 K11 H10 - - 61 85 PD14 I/O FT PD14 FSMC_D0 TIM4_CH3 K12 G10 - - 62 86 PD15 I/O FT PD15 FSMC_D1 TIM4_CH4 J12 - - - - 87 PG2 I/O FT PG2 FSMC_A12 J11 - - - - 88 PG3 I/O FT PG3 FSMC_A13 J10 - - - - 89 PG4 I/O FT PG4 FSMC_A14 H12 - - - - 90 PG5 I/O FT PG5 FSMC_A15 H11 - - - - 91 PG6 I/O FT PG6 FSMC_INT2 H10 - - - - 92 PG7 I/O FT PG7 FSMC_INT3 G11 - - - - 93 PG8 I/O FT PG8 G10 - - - - 94 VSS_9 SVSS_9 F10 - - - - 95 VDD_9 SVDD_9 G12 F10 E1 37 63 96 PC6 I/O FT PC6 I2S2_MCK/ TIM8_CH1/SDIO_D6 TIM3_CH1 F12 E10 E2 38 64 97 PC7 I/O FT PC7 I2S3_MCK/ TIM8_CH2/SDIO_D7 TIM3_CH2 F11 F9 E3 39 65 98 PC8 I/O FT PC8 TIM8_CH3/SDIO_D0 TIM3_CH3 E11 E9 D1 40 66 99 PC9 I/O FT PC9 TIM8_CH4/SDIO_D1 TIM3_CH4 E12 D9 E4 41 67 100 PA8 I/O FT PA8 USART1_CK/ TIM1_CH1(8)/MCO D12 C9 D2 42 68 101 PA9 I/O FT PA9 USART1_TX(8)/ TIM1_CH2(8) D11 D10 D3 43 69 102 PA10 I/O FT PA10 USART1_RX(8)/ TIM1_CH3(8) C12 C10 C1 44 70 103 PA11 I/O FT PA11 USART1_CTS/USBDM CAN_RX(8)/TIM1_CH4(8) B12 B10 C2 45 71 104 PA12 I/O FT PA12 USART1_RTS/USBDP/ CAN_TX(8)/TIM1_ETR(8) Table 5. High-density STM32F103xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |