| データシートサーチシステム |
|
STM32F103C4H6TR データシート(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103C4H6TR データシート(HTML) 26 Page - STMicroelectronics |
|
26 / 80 page ![]() Memory mapping STM32F103x4, STM32F103x6 26/80 Doc ID 15060 Rev 3 4 Memory mapping The memory map is shown in Figure 7. Figure 7. Memory map reserved 0x4000 0000 0x4000 0400 0x4000 0800 0x4000 2800 0x4000 2C00 0x4000 3000 0x4000 3400 0x4000 4400 0x4000 4800 0x4001 0C00 0x4001 1000 0x4001 1400 0x4001 1800 0x4002 1400 APB memory space DMA 0x4002 1000 TIM2 Reserved 0x4001 0800 0x4001 2400 0x4001 2800 0x4001 2C00 0x4001 3000 0x4001 3400 0x4001 3800 TIM3 RTC WWDG IWDG USART2 AFIO Port A Port C Port D reserved ADC1 reserved USART1 reserved 0x4002 0400 0x4002 0000 0x4001 3C00 0x4000 5400 0x4000 5800 ADC2 TIM1 SPI reserved I2C BKP 0x4000 6000 0x4000 5C00 PWR Port B reserved bxCAN EXTI reserved RCC reserved Flash Interface reserved 0x4000 6400 0x4000 6800 0x4000 6C00 0x4000 7000 0x4000 7400 0x4001 0000 0x4001 0400 0x4002 2000 0x4002 2400 0x4002 3000 0x4002 3400 0xFFFF FFFF USB Registers CRC 0 1 2 3 4 5 6 7 0x2000 0000 0x4000 0000 0x6000 0000 0x8000 0000 0xA000 0000 0xC000 0000 0xE000 0000 0xFFFF FFFF 0x0000 0000 Peripherals SRAM Flash memory reserved reserved 0x0800 0000 0x0801 FFFF 0x1FFF F000 0x1FFF FFFF System memory Option Bytes 0x1FFF F800 0x1FFF F80F Cortex-M3 Internal Peripherals 0xE010 0000 ai15177c shared 512 byte USB/CAN SRAM Aliased to Flash or system memory depending on BOOT pins 0x0000 0000 reserved reserved reserved reserved |