データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F103VCT6 データシート(PDF) 72 Page - STMicroelectronics

部品番号 STM32F103VCT6
部品情報  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VCT6 データシート(HTML) 72 Page - STMicroelectronics

Back Button STM32F103VCT6 Datasheet HTML 68Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 69Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 70Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 71Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 72Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 73Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 74Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 75Page - STMicroelectronics STM32F103VCT6 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 123 page
background image
Electrical characteristics
STM32F103xC, STM32F103xD, STM32F103xE
72/123
Doc ID 14611 Rev 7
PC Card/CompactFlash controller waveforms and timings
Figure 32 through Figure 37 represent synchronous waveforms and Table 39 provides the
corresponding timings. The results shown in this table are obtained with the following FSMC
configuration:
●
COM.FSMC_SetupTime = 0x04;
●
COM.FSMC_WaitSetupTime = 0x07;
●
COM.FSMC_HoldSetupTime = 0x04;
●
COM.FSMC_HiZSetupTime = 0x00;
●
ATT.FSMC_SetupTime = 0x04;
●
ATT.FSMC_WaitSetupTime = 0x07;
●
ATT.FSMC_HoldSetupTime = 0x04;
●
ATT.FSMC_HiZSetupTime = 0x00;
●
IO.FSMC_SetupTime = 0x04;
●
IO.FSMC_WaitSetupTime = 0x07;
●
IO.FSMC_HoldSetupTime = 0x04;
●
IO.FSMC_HiZSetupTime = 0x00;
●
TCLRSetupTime = 0;
●
TARSetupTime = 0;
Figure 32.
PC Card/CompactFlash controller waveforms for common memory read
access
1.
FSMC_NCE4_2 remains high (inactive during 8-bit access.
FSMC_NWE
tw(NOE)
FSMC_NOE
FSMC_D[15:0]
FSMC_A[10:0]
FSMC_NCE4_2(1)
FSMC_NCE4_1
FSMC_NREG
FSMC_NIOWR
FSMC_NIORD
td(NCE4_1-NOE)
tsu(D-NOE)
th(NOE-D)
tv(NCEx-A)
td(NREG-NCEx)
td(NIORD-NCEx)
th(NCEx-AI)
th(NCEx-NREG)
th(NCEx-NIORD)
th(NCEx-NIOWR)
ai14895b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More