データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F103C4T6TR データシート(PDF) 22 Page - STMicroelectronics

部品番号 STM32F103C4T6TR
部品情報  Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C4T6TR データシート(HTML) 22 Page - STMicroelectronics

Back Button STM32F103C4T6TR Datasheet HTML 18Page - STMicroelectronics STM32F103C4T6TR Datasheet HTML 19Page - STMicroelectronics STM32F103C4T6TR Datasheet HTML 20Page - STMicroelectronics STM32F103C4T6TR Datasheet HTML 21Page - STMicroelectronics STM32F103C4T6TR Datasheet HTML 22Page - STMicroelectronics STM32F103C4T6TR Datasheet HTML 23Page - STMicroelectronics STM32F103C4T6TR Datasheet HTML 24Page - STMicroelectronics STM32F103C4T6TR Datasheet HTML 25Page - STMicroelectronics STM32F103C4T6TR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
Pinouts and pin description
STM32F103x4, STM32F103x6
22/80
Doc ID 15060 Rev 3
Figure 5.
STM32F103xx performance line LQFP48 pinout
Figure 6.
STM32F101xx Medium-density access line VFQFPN36 pinout
44 43 42 41 40 39 38 37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
12
13 14 15 16 17 18 19 20 21 22
1
2
3
4
5
6
7
8
9
10
11
48 47 46 45
VDD_2
VSS_2
PA13
PA12
PA11
PA10
PA9
PA8
PB15
PB14
PB13
PB12
VBAT
PC13-TAMPER-RTC
PC14-OSC32_IN
PC15-OSC32_OUT
PD0-OSC_IN
PD1-OSC_OUT
NRST
VSSA
VDDA
PA0-WKUP
PA1
PA2
LQFP48
ai14393b
36
35
34
33
32
31
30
29
28
VDD_3
1
27
VDD_2
OSC_IN/PD0
2
26
VSS_2
OSC_OUT/PD1
3
25
PA13
NRST
4
QFN36
24
PA12
VSSA
5
23
PA11
VDDA
6
22
PA10
PA0-WKUP
7
21
PA9
PA1
8
20
PA8
PA2
9
19
VDD_1
10
11
12
13
14
15
16
17
18
ai14654



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80