データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8L101F2P3 データシート(PDF) 16 Page - STMicroelectronics

部品番号 STM8L101F2P3
部品情報  8-bit ultralow power microcontroller with up to 8 Kbytes Flash, multifunction timers, comparators, USART, SPI, I2C
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F2P3 データシート(HTML) 16 Page - STMicroelectronics

Back Button STM8L101F2P3 Datasheet HTML 12Page - STMicroelectronics STM8L101F2P3 Datasheet HTML 13Page - STMicroelectronics STM8L101F2P3 Datasheet HTML 14Page - STMicroelectronics STM8L101F2P3 Datasheet HTML 15Page - STMicroelectronics STM8L101F2P3 Datasheet HTML 16Page - STMicroelectronics STM8L101F2P3 Datasheet HTML 17Page - STMicroelectronics STM8L101F2P3 Datasheet HTML 18Page - STMicroelectronics STM8L101F2P3 Datasheet HTML 19Page - STMicroelectronics STM8L101F2P3 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
Pin description
STM8L101xx
16/77
Doc ID 15275 Rev 7
Figure 4.
20-pin TSSOP package pinout
1.
HS corresponds to 20 mA high sink/source capability.
2.
High sink LED driver capability available on PA0. Refer to the description of the IR_CR register in the
STM8L reference manual (RM0013).
PA3 (HS)
PA2 (HS)
NRST / PA1 (HS)
PA0 (HS) / SWIM / BEEP / IR_TIM
PC4 (HS) / USART_CK/ CCO
VSS
PC3 (HS) / USART_TX
PC0 / I²C_SDA
PC1 / I²C_SCL
PB7 (HS) / SPI_MISO
PB6 (HS) / SPI_MOSI
PB1 (HS) / TIM3_CH1 / COMP1_CH2
PB2 (HS) / TIM2_CH2 / COMP2_CH1
PB3 (HS) /TIM2_TRIG /COMP2_CH2
PB4 (HS) / SPI_NSS
PB5 (HS) / SPI_SCK
VDD
PD0 (HS) / TIM3_CH2 / COMP1_CH3
PB0 (HS) / TIM2_CH1 / COMP1_CH1
PC2 (HS) / USART_RX
1
2
3
4
5
6
7
10
9
8
20
19
18
17
16
15
14
11
12
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77