| データシートサーチシステム |
|
MCP3002-I/ST データシート(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3002-I/ST データシート(HTML) 31 Page - Microchip Technology |
|
31 / 34 page ![]() © 2008 Microchip Technology Inc. DS21294D-page 31 MCP3002 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX Package Temperature Range Device Device MCP3002: 10-Bit Serial A/D Converter MCP3002T: 10-Bit Serial A/D Converter (Tape and Reel) (SOIC and TSSOP only Temperature Range I = -40 °C to +85°C (Industrial) Package MS = Plastic Micro Small Outline (MSOP), 8-lead P = Plastic DIP (300 mil Body), 8-lead SN = Plastic SOIC (150 mil Body), 8-lead ST = Plastic TSSOP (4.4 mm), 8-lead Examples: a) MCP3002-I/P: Industrial Temperature, 8LD PDIP package. b) MCP3002-I/SN: Industrial Temperature, 8LD SOIC package. c) MCP3002-I/ST: Industrial Temperature, 8LD TSSOP package. d) MCP3002-I/MS: Industrial Temperature, 8LD MSOP package. |