| データシートサーチシステム |
|
MCP616-I/MS データシート(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP616-I/MS データシート(HTML) 19 Page - Microchip Technology |
|
19 / 38 page ![]() © 2008 Microchip Technology Inc. DS21613C-page 19 MCP616/7/8/9 4.9.3 THREE OP AMP INSTRUMENTATION AMPLIFIER A classic, three-op amp instrumentation amplifier is illustrated in Figure 4-11. The two-input op amps provide differential signal gain and a common mode gain of +1. The output op amp is a difference amplifier, which converts its input signal from differential to a single-ended output; it rejects common mode signals at its input. The gain of this circuit is simply adjusted with one resistor (RG). The reference voltage (VREF) is typically referenced to mid-supply (VDD/2) in single- supply applications. FIGURE 4-11: Three-Op Amp Instrumentation Amplifier. 4.9.4 PRECISION GAIN WITH GOOD LOAD ISOLATION In Figure 4-12, the MCP616 op amp, R1 and R2 provide a high gain to the input signal (VIN). The MCP616’s low offset voltage makes this an accurate circuit. The MCP606 is configured as a unity-gain buffer. It isolates the MCP616’s output from the load, increasing the high gain stage’s precision. Since the MCP606 has a higher output current, and the two amplifiers are housed in separate packages, there is minimal change in the MCP616’s offset voltage due to loading effect. FIGURE 4-12: Precision Gain with Good Load Isolation. V OUT V 1 V 2 – () 1 2R 2 R G --------- + ⎝⎠ ⎜⎟ ⎛⎞ R 4 R 3 ------ ⎝⎠ ⎜⎟ ⎛⎞ V REF + = R2 MCP617 VREF V1 ½ R4 R3 MCP616 R2 RG MCP617 VOUT V2 ½ R4 R3 V OUT V IN 1R2 R1 ⁄ + () = R2 R1 MCP616 VOUT VIN MCP606 |