| データシートサーチシステム |
|
MCP6141-E/P データシート(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6141-E/P データシート(HTML) 23 Page - Microchip Technology |
|
23 / 38 page ![]() © 2009 Microchip Technology Inc. DS21668D-page 23 MCP6141/2/3/4 6.0 PACKAGING INFORMATION 6.1 Package Marking Information 8-Lead MSOP Example : XXXXXX YWWNNN 6143I 918256 5-Lead SOT-23 (MCP6141) Example: XXNN AS25 Device E-Temp Code MCP6141 ASNN Note: Applies to 5-Lead SOT-23 6-Lead SOT-23 (MCP6143) Example: XXNN AW25 Device E-Temp Code MCP6143 AWNN Note: Applies to 6-Lead SOT-23 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e XXXXXXXX XXXXXNNN YYWW 8-Lead PDIP (300 mil) Example : 8-Lead SOIC (150 mil) Example : XXXXXXXX XXXXYYWW NNN MCP6141 I/P256 0918 MCP6142 I/SN0918 256 MCP6141 E/P 256 0918 MCP6142E SN 0918 256 3 e OR OR 3 e |