| データシートサーチシステム |
|
MCP6141T-I/ST データシート(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6141T-I/ST データシート(HTML) 33 Page - Microchip Technology |
|
33 / 38 page ![]() © 2009 Microchip Technology Inc. DS21668D-page 33 MCP6141/2/3/4 APPENDIX A: REVISION HISTORY Revision D (May 2009) The following is the list of modifications: 1. DC Electrical Charactistics table: Corrected formatting issue in Output section. 2. AC Electrical Characteristics table: Slew Rate - changed typical value from 3.0 to 24. Changed Phase Margin from 65 to 60. Changed Phase Margin Condition from G=+1 to G=+10 V/V. 3. Updated Package Outline Drawings 4. Updated Revision History. Revision C (December 2007) • Updated Figures 2.4 and 2.5 • Expanded Analog Input Absolute Max Voltage Range (applies retroactively) • Expanded maximum operating VDD (going forward) • Section 1.0 “Electrical Characteristics” updated • Section 2.0 “Typical Performance Curves” updated • Section 4.0 “Applications Information” - Updated input stage explanation • Section 5.0 “Design Aids” updated Revision B (November 2005) The following is the list of modifications: 1. Added the following: a) SOT-23-5 package for the MCP6141 single op amps. b) SOT-23-6 package for the MCP6143 single op amps with Chip Select. c) Extended Temperature (-40°C to +125°C) op amps. 2. Updated specifications in Section 1.0 “Electrical Characteristics” for E-temp parts. 3. Corrected and updated plots in Section 2.0 “Typical Performance Curves”. 4. Added Section 3.0 “Pin Descriptions”. 5. Updated Section 4.0 “Applications Information” and added section on unused op amps. 6. Updated Section 5.0 “Design Aids” to include FilterLab. 7. Added SOT-23-5 and SOT-23-6 packages and corrected package marking information in Section 6.0 “Packaging Information”. 8. Added Appendix A: “Revision History”. Revision A (September 2002) • Original Release of this Document. |