| データシートサーチシステム |
|
MB90F337 データシート(PDF) 45 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F337 データシート(HTML) 45 Page - fujitsu semiconductor |
|
45 / 48 page ![]() MB90335 Series DS07-13735-4E 45 ■ MAIN CHANGES IN THIS EDITION The vertical lines marked in the left side of the page show the changes. Page Section Change Results ⎯⎯ Changed the USB. USB Mini-Host → USB HOST 11 ■ HANDLING DEVICES Added the item “9. Serial communication”. ⎯ ■ PERIPHERAL RESOURCES Deleted the section. 24, 25 ■ USB Changed the item name from “PERIPHERAL RESOURCES” to “USB Function”. 2. USB HOST Changed the title of the table: Differences between the USB HOST and USB Mini-HOST → Restrictions on USB HOST Changed “HUB support”. × → * Added the following under the table: “* : Only supports full speed, and supports hubs up to one level.” 26 ■ SECTOR CONFIGURATION OF FLASH MEMORY Changed the item name from “PERIPHERAL RESOURCES” to “SECTOR CONFIGURATION OF FLASH MEMORY”. 30 ■ ELECTRICAL CHARACTERISTICS 3. DC Characteristics Corrected the column of pin name of Input leak current param- eter. Output pins → Input pins |