データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC510COG データシート(PDF) 23 Page - Microchip Technology

部品番号 TC510COG
部品情報  Precision Analog Front Ends with Dual Slope ADC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC510COG データシート(HTML) 23 Page - Microchip Technology

Back Button TC510COG Datasheet HTML 19Page - Microchip Technology TC510COG Datasheet HTML 20Page - Microchip Technology TC510COG Datasheet HTML 21Page - Microchip Technology TC510COG Datasheet HTML 22Page - Microchip Technology TC510COG Datasheet HTML 23Page - Microchip Technology TC510COG Datasheet HTML 24Page - Microchip Technology TC510COG Datasheet HTML 25Page - Microchip Technology TC510COG Datasheet HTML 26Page - Microchip Technology TC510COG Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21428E-page 23
TC500/A/510/514
10.0
PACKAGING INFORMATION
10.1
Package Marking Information
16-Lead PDIP (300 mil) (TC500/TC500A)
Example:
16-Lead SOIC (300 mil) (TC500/TC500A)
Example:
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXXX
YYWWNNN
TC500CPE
^^
0818256
XXXXXXXXXXX
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
16-Lead CERDIP (300 mil) (TC500/TC500A)
Example:
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
TC500AIJE
0818256
XXXXXXXXXXX
0818256
TC500ACOE
^^
3
e
3
e
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38