| データシートサーチシステム |
|
MCP3302 データシート(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3302 データシート(HTML) 29 Page - Microchip Technology |
|
29 / 46 page ![]() © 2008 Microchip Technology Inc. DS21697E-page 29 MCP3302/04 FIGURE 6-5: SPI Communication with the MCP3302/04 using 8-bit segments (Mode 1,1: SCLK idles high). 12 3 4 56 7 8 9 10 11 12 13 14 15 16 CS SCLK DIN 17 18 19 20 21 22 23 24 DOUT Don’t Care NULL BIT B11 B10 B9 B8 B6 B5 B4 B3 B2 B1 B0 HI-Z 0 000 1 X XXX X DO SGL/ DIFF XX XX X XX X B7 B6 B5 B4 B3 B2 B1 B0 B11 B10 B9 B8 0 ? ? ? ? ?? ? ? ? ? MCU latches data from A/D Converter on rising edges of SCLK Data is clocked out of A/D Converter on falling edges D1 D2 SGL/ DIFF Start Bit (Null) D0 D1 Start MCU Transmitted Data (Aligned with falling edge of clock) MCU Received Data (Aligned with rising edge of clock) B7 X Data stored into MCU receive register after transmission of first 8 bits Data stored into MCU receive register after transmission of second 8 bits Data stored into MCU receive register after transmission of last 8 bits SB X SB D2 Don’t Care X = Don’t Care Bits ? = Unknown Bits |