| データシートサーチシステム |
|
LP6301-AQVF データシート(PDF) 3 Page - Lowpower Semiconductor inc |
|
|
|||||||||||||||||||||||||||||
LP6301-AQVF データシート(HTML) 3 Page - Lowpower Semiconductor inc |
|
3 / 7 page ![]() Preliminary Datasheet LP6301 LP6301 – Ver. 1.0 Datasheet Sep.-2007 Absolute Maximum Ratings Input Voltage to GND ------------------------------------------------------------------------------------------- 6V SW to GND (VSW) ---------------------------------------------------------------------------- 0.3V to VIN +0.3V FB to GND (VFB) ------------------------------------------------------------------------------ 0.3V to VIN +0.3V EN EN_BAT to GND (VEN) ------------------------------------------------------------------------0.3V to 6V Operating Junction Temperature Range (TJ) ----------------------------------------------------40℃ to 150℃ Maximum Soldering Temperature (at leads, 1 0sec) ----------------------------------------------------- 260℃ Electrical Characteristics (VIN =VEN,Typical values are TA=25℃ ) LP6301 Symbol Parameter Conditions Min. Typ. Max. Unit Step-Down Converter VIN Input Voltage 2.5 5.5 V △VOUT Output Voltage Line Regulation ILOAD = 0 VINB = 2.5V to 5.5V 0.25 0.4 %/ v △VFB Reference Voltage Line Regulation VINB = 2.5V to 5.5V 0.25 0.4 %/ v VOUT Output Voltage Range 0.6 VINB V IQ Quiescent Current VFB1=VFB2=0V,VIN1/IN2=4.2V 270 350 µA ISHDN Shutdown Current ENB = GND 1 µA ILIM P-Channel Current Limit 1.6 1.8 2 A RDS(ON)H High-Side Switch On Resistance 0.28 0.4 RDS(ON)L Low-Side Switch On Resistance 0.3 0.4 ILXLEAK LX Leakage Current VEN1/EN2=0V, VSW1/SW2=0 or 5V, VIN1/IN2=5V 1 µA ∆VLine-reg/∆VIN Line Regulation VINB = 2.8V to 5.5V 0.2 0.4 %/V VFB Feedback Threshold Voltage Accuracy VINB = 3.6V 0.588 0.6 0.612 V IFB FB Leakage Current VOUTB = 1 .0V 30 nA VFB1=VFB2=0.6V 1.2 1.5 1.8 FOSC Oscillator Frequency VFB1=VFB2=0V 0.7 MHz TS Startup Time From Enable to Output Regulation 120 µs TSD Over-Temperature Shutdown Threshold 150 ℃ THYS Over-Temperature Shutdown Hysteresis 20 ℃ VEN(L) Enable Threshold Low 0.4 V VEN(H) Enable Threshold High 0.3 1.0 1.5 V IEN Input Low Current VINB = VENB = 5.5V -1 1 µA |