データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP3421 データシート(PDF) 35 Page - Microchip Technology

部品番号 MCP3421
部品情報  18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3421 データシート(HTML) 35 Page - Microchip Technology

Back Button MCP3421 Datasheet HTML 31Page - Microchip Technology MCP3421 Datasheet HTML 32Page - Microchip Technology MCP3421 Datasheet HTML 33Page - Microchip Technology MCP3421 Datasheet HTML 34Page - Microchip Technology MCP3421 Datasheet HTML 35Page - Microchip Technology MCP3421 Datasheet HTML 36Page - Microchip Technology MCP3421 Datasheet HTML 37Page - Microchip Technology MCP3421 Datasheet HTML 38Page - Microchip Technology MCP3421 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22003E-page 35
MCP3421
8.0
PACKAGING INFORMATION
8.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
1
6-Lead SOT-23
XXNN
Example
1
CA25
Part Number
Address
Option
Code
MCP3421A0T-E/CH
A0 (000)
CANN
MCP3421A1T-E/CH
A1 (001)
CBNN
MCP3421A2T-E/CH
A2 (010)
CCNN
MCP3421A3T-E/CH
A3 (011)
CDNN
MCP3421A4T-E/CH
A4 (100)
CENN
MCP3421A5T-E/CH
A5 (101)
CFNN
MCP3421A6T-E/CH
A6 (110)
CGNN
MCP3421A7T-E/CH
A7 (111)
CHNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42