| データシートサーチシステム |
|
MCP9700-E/TT データシート(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9700-E/TT データシート(HTML) 13 Page - Microchip Technology |
|
13 / 24 page ![]() © 2009 Microchip Technology Inc. DS21942E-page 13 MCP9700/9700A and MCP9701/9701A 5.0 PACKAGING INFORMATION 5.1 Package Marking Information 5-Lead SC70 Example: XXNN Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e Device Code MCP9700T AUNN MCP9700AT AXNN MCP9701T AVNN MCP9701AT AYNN Note: Applies to 5-Lead SC70. AU25 3-Lead TO-92 XXXXXX XXXXXX XXXXXX YWWNNN Example: MCP 9700E TO^^ 916256 3 e 3-Lead SOT-23 Example: XXNN Device Code MCP9700T AENN MCP9700AT AFNN MCP9701T AMNN MCP9701AT APNN Note: Applies to 3-Lead SOT-23 AE25 |