| データシートサーチシステム |
|
MCP6V07-E/MD データシート(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6V07-E/MD データシート(HTML) 3 Page - Microchip Technology |
|
3 / 44 page ![]() © 2008 Microchip Technology Inc. DS22093B-page 3 MCP6V06/7/8 1.0 ELECTRICAL CHARACTERISTICS 1.1 Absolute Maximum Ratings † VDD –VSS .......................................................................6.5V Current at Input Pins ....................................................±2 mA Analog Inputs (VIN+ and VIN–) †† ... VSS – 1.0V to VDD+1.0V All other Inputs and Outputs ............ VSS – 0.3V to VDD+0.3V Difference Input voltage ...................................... |VDD –VSS| Output Short Circuit Current ................................ Continuous Current at Output and Supply Pins ............................±30 mA Storage Temperature ...................................-65°C to +150°C Max. Junction Temperature ........................................ +150°C ESD protection on all pins (HBM, MM) ................≥ 4 kV, 300V † Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. †† See Section 4.2.1 “Rail-to-Rail Inputs”. 1.2 Specifications TABLE 1-1: DC ELECTRICAL SPECIFICATIONS Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/3, VOUT =VDD/2, VL =VDD/2, RL = 20 kΩ to VL, and CS = GND (refer to Figure 1-5 and Figure 1-6). Parameters Sym Min Typ Max Units Conditions Input Offset Input Offset Voltage VOS -3 — +3 µV TA = +25°C (Note 1) Input Offset Voltage Drift with Temperature (linear Temp. Co.) TC1 -50 — +50 nV/°C TA = -40 to +125°C (Note 1) Input Offset Voltage Quadratic Temp. Co. TC2 — ±0.15 — nV/°C2 TA = -40 to +125°C Power Supply Rejection PSRR 125 142 — dB (Note 1) Input Bias Current and Impedance Input Bias Current IB —+6 — pA Input Bias Current across Temperature IB —+140 — pA TA = +85°C IB — +1500 +5000 pA TA = +125°C Input Offset Current IOS —-85 — pA Input Offset Current across Temperature IOS —-85 — pA TA = +85°C IOS -1000 -190 1000 pA TA = +125°C Common Mode Input Impedance ZCM —1013||6 — Ω||pF Differential Input Impedance ZDIFF —1013||6 — Ω||pF Common Mode Common-Mode Input Voltage Range VCMR VSS − 0.20 — VDD +0.20 V (Note 2) Common-Mode Rejection CMRR 120 136 — dB VDD = 1.8V, VCM = -0.2V to 2.0V (Note 1, Note 2) CMRR 130 147 — dB VDD = 5.5V, VCM = -0.2V to 5.7V (Note 1, Note 2) Open-Loop Gain DC Open-Loop Gain (large signal) AOL 125 147 — dB VDD =1.8V, VOUT = 0.2V to 1.6V (Note 1) AOL 135 158 — dB VDD =5.5V, VOUT = 0.2V to 5.3V (Note 1) Note 1: Set by design and characterization. Due to thermal junction and other effects in the production environment, these parts can only be screened in production (except TC1; see Appendix B: “Offset Related Test Screens”). 2: Figure 2-18 shows how VCMR changed across temperature for the first three production lots. |