データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP23018-E/SS データシート(PDF) 26 Page - Microchip Technology

部品番号 MCP23018-E/SS
部品情報  16-Bit I/O Expander with Open-Drain Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23018-E/SS データシート(HTML) 26 Page - Microchip Technology

Back Button MCP23018-E/SS Datasheet HTML 22Page - Microchip Technology MCP23018-E/SS Datasheet HTML 23Page - Microchip Technology MCP23018-E/SS Datasheet HTML 24Page - Microchip Technology MCP23018-E/SS Datasheet HTML 25Page - Microchip Technology MCP23018-E/SS Datasheet HTML 26Page - Microchip Technology MCP23018-E/SS Datasheet HTML 27Page - Microchip Technology MCP23018-E/SS Datasheet HTML 28Page - Microchip Technology MCP23018-E/SS Datasheet HTML 29Page - Microchip Technology MCP23018-E/SS Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
MCP23018/MCP23S18
DS22103A-page 26
© 2008 Microchip Technology Inc.
1.6.8
INTERRUPT FLAG REGISTER
The INTF register reflects the interrupt condition on the
port pins of any pin that is enabled for interrupts via the
GPINTEN register. A ‘set’ bit indicates that the
associated pin caused the interrupt.
This register is ‘read only’. Writes to this register will be
ignored.
REGISTER 1-10:
INTF – INTERRUPT FLAG REGISTER
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
INT7
INT6
INT5
INT4
INT3
INT2
INT1
INT0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
INT7:INT0: Reflects the interrupt condition on the port. Will reflect the change only if interrupts are
enabled (GPINTEN) <7:0>.
1
= Pin caused interrupt.
0
= Interrupt not pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56