| データシートサーチシステム |
|
24AA02HT-E/MS データシート(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24AA02HT-E/MS データシート(HTML) 27 Page - Microchip Technology |
|
27 / 30 page ![]() © 2008 Microchip Technology Inc. DS22105A-page 27 24AA02H/24LC02BH PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. PART NO. X /XX Package Temperature Range Device Device: 24AA02H = 1.7V, 2 Kbit I2C Serial EEPROM 24AA02HT = 1.7V, 2 Kbit I2C Serial EEPROM (Tape and Reel) 24LC02BH = 2.5V, 2 Kbit I2C Serial EEPROM 24LC02BH = 2.5V, 2 Kbit I2C Serial EEPROM (Tape and Reel) Temperature Range: I = -40°C to +85°C E = -40°C to +125°C Package: P = 8-Lead Plastic Dual In-Line (300 mil body) SN = 8-Lead Plastic Small Outline (3.90 mm body) ST = 8-Lead Plastic Thin Shrink Small Outline (4.4 mm) MS = 8-Lead Plastic Micro Small Outline MNY(1) = 8-Lead Plastic Dual Flat, No Lead OT = 5-Lead Plastic Small Outline Transistor (Tape and Reel only) LT = 5-Lead Plastic Small Outline Transistor (Tape and Reel only) Examples: a) 24AA02H-I/P: Industrial Temperature, 1.7V, PDIP package b) 24AA02H-I/SN: Industrial Temperature, 1.7V, SOIC package c) 24AA02HT-I/OT: Industrial Temperature, 1.7V, SOT-23 package, tape and reel d) 24LC02BH-I/P: Industrial Temperature, 2.5V, PDIP package e) 24LC02BH-E/SN: Extended Tempera- ture, 2.5V, SOIC package f) 24LC02BHT-I/LT: Industrial Tempera- ture, 2.5V, SC-70 package, tape and reel Note 1: ’Y’ indicates a Nickel Palladium Gold (NiPdAu) finish. |