データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP4541-103E/ML データシート(PDF) 76 Page - Microchip Technology

部品番号 MCP4541-103E/ML
部品情報  7/8-Bit Single/Dual I2C Digital POT with Non-Volatile Memory
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4541-103E/ML データシート(HTML) 76 Page - Microchip Technology

Back Button MCP4541-103E/ML Datasheet HTML 72Page - Microchip Technology MCP4541-103E/ML Datasheet HTML 73Page - Microchip Technology MCP4541-103E/ML Datasheet HTML 74Page - Microchip Technology MCP4541-103E/ML Datasheet HTML 75Page - Microchip Technology MCP4541-103E/ML Datasheet HTML 76Page - Microchip Technology MCP4541-103E/ML Datasheet HTML 77Page - Microchip Technology MCP4541-103E/ML Datasheet HTML 78Page - Microchip Technology MCP4541-103E/ML Datasheet HTML 79Page - Microchip Technology MCP4541-103E/ML Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
MCP454X/456X/464X/466X
DS22107A-page 76
© 2008 Microchip Technology Inc.
Package Marking Information (Continued)
10-Lead DFN (3x3)
Example
:
Part Number
Code
Part Number
Code
MCP4642-502E/MF
AAFA
MCP4662-502E/MF
AAQA
MCP4642-103E/MF
AAGA
MCP4662-103E/MF
AARA
MCP4642-104E/MF
AAJA
MCP4662-104E/MF
AATA
MCP4642-503E/MF
AAHA
MCP4662-503E/MF
AASA
AAFA
0841
256
XXXX
YYWW
NNN
10-Lead MSOP
XXXXXX
YWWNNN
Example
463252
841256
Part Number
Code
Part Number
Code
MCP4642-502E/UN
464252
MCP4662-502E/UN
466252
MCP4642-103E/UN
464213
MCP4662-103E/UN
466213
MCP4642-104E/UN
464214
MCP4662-104E/UN
466214
MCP4642-503E/UN
464253
MCP4662-503E/UN
466253
14-Lead TSSOP (MCP4641, MCP4661)
XXXXXXXX
YYWW
NNN
Example
4641502E
0841
256
XXXXX
16-Lead QFN (MCP4641, MCP4661)
XXXXXX
YWWNNN
Example
XXXXXX
4641
502
841256
E/ML^^
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92