| データシートサーチシステム |
|
MCP23009T-E/P データシート(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23009T-E/P データシート(HTML) 20 Page - Microchip Technology |
|
20 / 50 page ![]() MCP23009/MCP23S09 DS22121B-page 20 © 2009 Microchip Technology Inc. 1.6.5 INTERRUPT CONTROL REGISTER The INTCON register controls how the associated pin value is compared for the interrupt-on-change feature. If a bit is set, the corresponding I/O pin is compared against the associated bit in the DEFVAL register. If a bit value is clear, the corresponding I/O pin is compared against the previous value. REGISTER 1-5: INTCON – INTERRUPT-ON-CHANGE CONTROL REGISTER R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 IOC7 IOC6 IOC5 IOC4 IOC3 IOC2 IOC1 IOC0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-0 IOC7:IOC0: Controls how the associated pin value is compared for interrupt-on-change <7:0>. 1 = Pin value is compared against the associated bit is DEFVAL register 0 = Pin value is compared against the previous pin value Refer to DEFVAL and GPINTEN. |