| データシートサーチシステム |
|
MCP23S09-E/P データシート(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23S09-E/P データシート(HTML) 39 Page - Microchip Technology |
|
39 / 50 page ![]() © 2009 Microchip Technology Inc. DS22121B-page 39 MCP23009/MCP23S09 3.0 PACKAGING INFORMATION 3.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 18-Lead PDIP (300 mil) Example: 18-Lead SOIC (300 mil) Example: XXXXXXXXXXXX XXXXXXXXXXXX YYWWNNN XXXXXXXXXXXX MCP23009 0919256 E/P^^ 3 e XXXXXXXXXXXXXXXXX YYWWNNN XXXXXXXXXXXXXXXXX MCP23009 E/SO^^ 256 0919 3 e YYWWNNN XXXXXXXXXXX XXXXXXXXXXX MCP23009 E/SS^^ 3 e 0919 256 20-Lead SSOP (300 mil) Example: 16-Lead QFN (3x3 mm) Example XXX EYWW NNN 239 E919 256 |