データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

24VL024T/P データシート(PDF) 6 Page - Microchip Technology

部品番号 24VL024T/P
部品情報  2K I2C??Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24VL024T/P データシート(HTML) 6 Page - Microchip Technology

Back Button 24VL024T/P Datasheet HTML 2Page - Microchip Technology 24VL024T/P Datasheet HTML 3Page - Microchip Technology 24VL024T/P Datasheet HTML 4Page - Microchip Technology 24VL024T/P Datasheet HTML 5Page - Microchip Technology 24VL024T/P Datasheet HTML 6Page - Microchip Technology 24VL024T/P Datasheet HTML 7Page - Microchip Technology 24VL024T/P Datasheet HTML 8Page - Microchip Technology 24VL024T/P Datasheet HTML 9Page - Microchip Technology 24VL024T/P Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
24VL024/24VL025
DS22130A-page 6
© 2009 Microchip Technology Inc.
3.0
FUNCTIONAL DESCRIPTION
The 24VL024/24VL025 supports a bidirectional, 2-wire
bus and data transmission protocol. A device that
sends data onto the bus is defined as transmitter, and
a device receiving data as receiver. The bus has to be
controlled by a master device that generates the Serial
Clock (SCL), controls the bus access and generates
the Start and Stop conditions, while the 24VL024/
24VL025 works as slave. Both master and slave can
operate as transmitter or receiver, but the master
device determines which mode is activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30