| データシートサーチシステム |
|
MCP4017 データシート(PDF) 43 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4017 データシート(HTML) 43 Page - Microchip Technology |
|
43 / 66 page ![]() © 2009 Microchip Technology Inc. DS22147A-page 43 MCP4017/18/19 6.2 Resistor Configurations 6.2.1 RHEOSTAT CONFIGURATION When used as a rheostat, two of the three digital potentiometer’s terminals are used as a resistive element in the circuit. With terminal W (wiper) and either terminal A or terminal B, a variable resistor is created. The resistance will depend on the tap setting of the wiper (and the wiper’s resistance). The resistance is controlled by changing the wiper setting The unused terminal (B or A) should be left floating. Figure 6-2 shows the two possible resistors that can be used. Reversing the polarity of the A and B terminals will not affect operation. FIGURE 6-2: Rheostat Configuration. This allows the control of the total resistance between the two nodes. The total resistance depends on the “starting” terminal to the Wiper terminal. So at the code 00h, the RBW resistance is minimal (RW), but the RAW resistance in maximized (RAB + RW). Conversely, at the code 3Fh, the RAW resistance is minimal (RW), but the RBW resistance in maximized (RAB + RW). The resistance Step size (RS) equates to one LSb of the resistor. The pinout for the rheostat devices is such that as the wiper register is incremented, the resistance of the resistor will increase (as measured from Terminal B to the W Terminal). 6.2.2 POTENTIOMETER CONFIGURATION When used as a potentiometer, all three terminals of the device are tied to different nodes in the circuit. This allows the potentiometer to output a voltage proportional to the input voltage. This configuration is sometimes called voltage divider mode. The potentiometer is used to provide a variable voltage by adjusting the wiper position between the two endpoints as shown in Figure 6-3. Reversing the polarity of the A and B terminals will not affect operation. FIGURE 6-3: Potentiometer Configuration. The temperature coefficient of the RAB resistors is minimal by design. In this configuration, the resistors all change uniformly, so minimal variation should be seen. The Wiper resistor temperature coefficient is different to the RAB temperature coefficient. The voltage at node V3 (Figure 6-3) is not dependent on this Wiper resistance, just the ratio of the RAB resistors, so this temperature coefficient in most cases can be ignored. Note: To avoid damage to the internal wiper circuitry in this configuration, care should be taken to insure the current flow never exceeds 2.5 mA. A B W Resistor RAW RBW or Note: To avoid damage to the internal wiper circuitry in this configuration, care should be taken to insure the current flow never exceeds 2.5 mA. A B W V1 V3 V2 |