| データシートサーチシステム |
|
MCP98243-BE/ST データシート(PDF) 34 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP98243-BE/ST データシート(HTML) 34 Page - Microchip Technology |
|
34 / 62 page ![]() MCP98243 DS22153B-page 34 © 2009 Microchip Technology Inc. FIGURE 5-13: Event Output Condition. TUPPER TLOWER TCRIT TA TUPPER - THYST Comparator Interrupt S/w Int. Clear Critical Only TCRIT - THYST 1 2 3 4 5 7 TABLE 5-9: Note Event Output Boundary Conditions Event Output (Active Low/High) TA Bits Comparator Interrupt Critical 15 14 13 1TA ≥ TLOWER Hi/Lo Lo/Hi Hi/Lo 0 0 0 2TA < TLOWER - THYST Lo/Hi Lo/Hi Hi/Lo 0 0 1 3TA > TUPPER Lo/Hi Lo/Hi Hi/Lo 0 1 0 4 TA ≤ TUPPER - THYST Hi/Lo Lo/Hi Hi/Lo 0 0 0 5 TA ≥ TCRIT Lo/Hi Lo/Hi Lo/Hi 1 1 0 6 When TA ≥ TCRIT the Event output is forced to Comparator Mode and bits 0 of CONFIG (Event out- put mode) is ignored until TA < TCRIT - THYST. In the Interrupt Mode, if Interrupt is not cleared (bits 5 of CONFIG) as shown in the diagram at Note 6, then Event will remain asserted at Note 7 until Interrupt is cleared by user. 7TA < TCRIT - THYST Lo/Hi Hi/Lo Hi/Lo 0 1 0 TLOWER - THYST TLOWER -THYST TUPPER - THYST 1 3 4 2 Note: 6 Comparator Interrupt S/w Int. Clear Critical Only |