データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RE46C109 データシート(PDF) 8 Page - Microchip Technology

部品番号 RE46C109
部品情報  Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C109 データシート(HTML) 8 Page - Microchip Technology

  RE46C109 Datasheet HTML 1Page - Microchip Technology RE46C109 Datasheet HTML 2Page - Microchip Technology RE46C109 Datasheet HTML 3Page - Microchip Technology RE46C109 Datasheet HTML 4Page - Microchip Technology RE46C109 Datasheet HTML 5Page - Microchip Technology RE46C109 Datasheet HTML 6Page - Microchip Technology RE46C109 Datasheet HTML 7Page - Microchip Technology RE46C109 Datasheet HTML 8Page - Microchip Technology RE46C109 Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
RE46C109
Voltage Regulator, Voltage Converter and
R&E International
Piezoelectric Horn Driver
A Subsidiary of Microchip Technology Inc.
Product Specification
© 2009 Microchip Technology Inc.
DS22168A-page 8
Application Notes continued:
(See application circuit)
Capacitor Selection:
To achieve minimum output voltage ripple, the output capacitor C4 (for VPOS) should have a low ESR (Effective
Series Resistance) value with leads kept as short as possible. Capacitors with long leads increase ripple voltage
due to lead inductance.
Like all Low-Dropout Regulators, the RE46C109 requires an output capacitor connected between VREG (output)
and VSS to stabilize the internal control loop. The recommended capacitance is 10uF. Capacitor values larger
than 10uF are acceptable.
PCB Layout Suggestions:
Due to large transient currents flow in the VDD, VPOS and VSS terminals, minimizing both input and output ripple is
accomplished by placing capacitors as close as possible to the regulator using short direct circuit wiring or traces.



Html Pages

1 2 3 4 5 6 7 8 9