データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP6052T-E/SN データシート(PDF) 21 Page - Microchip Technology

部品番号 MCP6052T-E/SN
部品情報  30 關A, High Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6052T-E/SN データシート(HTML) 21 Page - Microchip Technology

Back Button MCP6052T-E/SN Datasheet HTML 17Page - Microchip Technology MCP6052T-E/SN Datasheet HTML 18Page - Microchip Technology MCP6052T-E/SN Datasheet HTML 19Page - Microchip Technology MCP6052T-E/SN Datasheet HTML 20Page - Microchip Technology MCP6052T-E/SN Datasheet HTML 21Page - Microchip Technology MCP6052T-E/SN Datasheet HTML 22Page - Microchip Technology MCP6052T-E/SN Datasheet HTML 23Page - Microchip Technology MCP6052T-E/SN Datasheet HTML 24Page - Microchip Technology MCP6052T-E/SN Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
© 2009 Microchip Technology Inc.
DS22182A-page 21
MCP6051/2/4
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
8-Lead SOIC (150 mil)
(MCP6051, MCP6052)
Example:
XXXXXXXX
XXXXYYWW
NNN
MCP6051E
SN^^0919
256
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
Example:
AHA
919
25
8-Lead 2x3 TDFN
(MCP6051, MCP6052)
XXX
YWW
NN
14-Lead TSSOP (
MCP6054)
Example:
14-Lead SOIC (150 mil) (
MCP6054)
Example:
XXXXXXXXXXX
YYWWNNN
XXXXXXXX
YYWW
NNN
MCP6054E
0919
256
XXXXXXXXXXX
MCP6054
0919256
E/SL^^
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34