データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP3901A0-I/SS データシート(PDF) 49 Page - Microchip Technology

部品番号 MCP3901A0-I/SS
部品情報  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901A0-I/SS データシート(HTML) 49 Page - Microchip Technology

Back Button MCP3901A0-I/SS Datasheet HTML 45Page - Microchip Technology MCP3901A0-I/SS Datasheet HTML 46Page - Microchip Technology MCP3901A0-I/SS Datasheet HTML 47Page - Microchip Technology MCP3901A0-I/SS Datasheet HTML 48Page - Microchip Technology MCP3901A0-I/SS Datasheet HTML 49Page - Microchip Technology MCP3901A0-I/SS Datasheet HTML 50Page - Microchip Technology MCP3901A0-I/SS Datasheet HTML 51Page - Microchip Technology MCP3901A0-I/SS Datasheet HTML 52Page - Microchip Technology MCP3901A0-I/SS Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
© 2009 Microchip Technology Inc.
DS22192A-page 49
MCP3901
bit 1
VREFEXT Internal Voltage Reference Shutdown Control
1
= Internal Voltage Reference Disabled, an external voltage reference must be placed between
REFIN+/OUT and REFIN-.
0
= Internal Voltage Reference Enabled (default)
bit 0
CLKEXT Clock Mode
1
= External clock mode (Internal Oscillator Disabled and bypassed - Lower Power)
0
= XT Mode - A crystal must be placed between OSC1/OSC2 (default)
REGISTER 7-6:
CONFIGURATION REGISTERS:
CONFIG1: ADDRESS 0X0A, CONFIG2: ADDRESS 0X0B (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60