データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL12W02-L データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TL12W02-L
部品情報  LED lamps
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TL12W02-L データシート(HTML) 1 Page - Toshiba Semiconductor

  TL12W02-L Datasheet HTML 1Page - Toshiba Semiconductor TL12W02-L Datasheet HTML 2Page - Toshiba Semiconductor TL12W02-L Datasheet HTML 3Page - Toshiba Semiconductor TL12W02-L Datasheet HTML 4Page - Toshiba Semiconductor TL12W02-L Datasheet HTML 5Page - Toshiba Semiconductor TL12W02-L Datasheet HTML 6Page - Toshiba Semiconductor TL12W02-L Datasheet HTML 7Page - Toshiba Semiconductor TL12W02-L Datasheet HTML 8Page - Toshiba Semiconductor TL12W02-L Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TL12W02-L(T30)
2009-01-19
1
TOSHIBA LED lamps
TL12W02-L(T30)
Surface-mount devices
• 10.5 (L) mm × 5.0 (W) mm × 2.1 (H) mm
• High luminous flux: 60 lm(typ.) @250 mA
• Color: warm white
• Topr / Tstg: −40 to 100°C
• Reflow-solderable
• Standard embossed tape packing: T30 (500 pcs / reel)
8-mm pitch, 24-mm tape reel
• Applications : general lighting
Color and Material
Part Number
Color
Material
TL12W02-L
White (Warm white)
InGaN
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
300
mA
Power Dissipation
PD
2.37
W
Operating Temperature
Topr
−40 to 100
°C
Storage Temperature
Tstg
−40 to 100
°C
Junction Temperature
Tj
110
°C
Note 1: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/”Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 2: The junction-to-ambient thermal resistance, Rth(j-a), should be kept below 25℃/W so that the TL12W02-L is
not exposed to a condition beyond the absolute maximum ratings. Rth(j-a): Thermal resistance from the LED
junction to ambient temperature
Unit: mm
(1.0)
1.Anode
2.Cathode
7.0
12
8.0
Polarity
1
2
LED Chip position
Cathode index
10.5 ± 0.2
Tolerance : ± 0.15
*This size is includes burr
JEDEC
JEITA
TOSHIBA
4-5AY1
Weight: 0.30 g (typ.)
0
50
100
150
200
250
300
350
0
2040
6080
100
120
Ambient temperature Ta (°C)
Rth(j-a)=25℃/W
IF – Ta


同様の部品番号 - TL12W02-L

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TL12W02-D TOSHIBA-TL12W02-D Datasheet
306Kb / 10P
LED lamps
TL12W02-DT30 TOSHIBA-TL12W02-DT30 Datasheet
306Kb / 10P
LED lamps
TL12W02-N TOSHIBA-TL12W02-N Datasheet
304Kb / 10P
LED lamps
TL12W02-NT30 TOSHIBA-TL12W02-NT30 Datasheet
304Kb / 10P
LED lamps
More results

同様の説明 - TL12W02-L

メーカー部品番号データシート部品情報
logo
A-BRIGHT Inc
AL-314HT A-BRIGHT-AL-314HT Datasheet
309Kb / 5P
LED Lamps
2006/9/20
AL-513RGBC-C-002 A-BRIGHT-AL-513RGBC-C-002 Datasheet
339Kb / 7P
LED Lamps
2008/6/10
AL-513RGBW-A-002 A-BRIGHT-AL-513RGBW-A-002 Datasheet
282Kb / 7P
LED Lamps
2008/6/10
AL-513RGBW-C-002 A-BRIGHT-AL-513RGBW-C-002 Datasheet
241Kb / 7P
LED Lamps
2008/6/10
logo
BRIGHT LED ELECTRONICS ...
BL-B5141N BRIGHT-BL-B5141N Datasheet
295Kb / 5P
LED LAMPS
logo
Toshiba Semiconductor
TL21W02-D TOSHIBA-TL21W02-D Datasheet
259Kb / 9P
LED lamps
logo
Ningbo Foryard Optoelec...
FYCL-S19AR2G4-XX FORYARD-FYCL-S19AR2G4-XX Datasheet
378Kb / 4P
LED Lamps
logo
Lucky Light Electronic
AL-31-40IRC-850 LUCKY-LIGHT-AL-31-40IRC-850_15 Datasheet
324Kb / 5P
LED Lamps
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
LED Lamps
AL-50-30UW5C LUCKY-LIGHT-AL-50-30UW5C_15 Datasheet
394Kb / 6P
LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com