データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM132 データシート(PDF) 9 Page - Silicon Touch Technology Inc.

部品番号 DM132
部品情報  16-Channel PWM-Controlled Constant Current Driver for LED Displays
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SITI [Silicon Touch Technology Inc.]
ホームページ  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM132 データシート(HTML) 9 Page - Silicon Touch Technology Inc.

Back Button DM132 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM132 Datasheet HTML 13Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DM132
DM132
Version
:A.014
Page
:8
Typical Control Method
1) Command Sequence
To manipulate DM132, we should properly control the CMD, DIN, DCLK, and GCLK as
following steps:
1.
Issue command “Shift-in”, and then enter luminance data DIN. Note that DM132
starts to shift-in data at the DCLK rising edge next to the edge which latched
Shift-in
command.
2.
After data are completely entered, send command “Capture” to save data in
registers.
3.
Issue command “Emitting” or ”Disable”. Note that:
A. DM132 generates its output in one-shot fashion, i.e. the output after (1024) x
TGCLK is always zero.
B. There are 3 GCLK latencies between the latched LED Emitting/Disable
command and PWM start/stop. This is shown in Figure 2.
4.
Repeat step 1~4. In the same frame, the luminance data doesn’t have to be
changed, just repeat step 3~4. Note that the second command “Emitting” will be
omitted if the last (1024) x TGCLK PWM has not finished, unless the “Disable”
command is sent in advance.
The process discussed above could be summarized in the following table. At the
same time, DCLK and GCLK remain free running.
Table 1. Example of Command Sequence
Frame
N-1
Frame
N
Frame
N+1
3 We used the NOPs (No operation) to wait for the next frame data (at 60Hz) ready.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com