データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM631 データシート(PDF) 10 Page - Silicon Touch Technology Inc.

部品番号 DM631
部品情報  16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SITI [Silicon Touch Technology Inc.]
ホームページ  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM631 データシート(HTML) 10 Page - Silicon Touch Technology Inc.

Back Button DM631 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM631 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM631 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM631 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM631 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM631 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM631 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM631 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM631 Datasheet HTML 14Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
新竹市科學園區展業一路9號7樓之1
9-7F-1, Prosperity RoadⅠ, Hsin-Chu, Taiwan, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
16-channel 12-bit PWM Constant Current LED Driver
Version:A.003
Page 9
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM631
Constant-Current Output
Constant-current value(Iout
*1) of each output channel is set by an external resistor connected
between the REXT pin and GND. The current scale ranging can be adjusted from 5mA to 90mA by
varying the resistor value. The reference voltage of REXT terminal (Vrext) is approximately 1.23V.
The output current value is calculated by the following equation:
Iout(mA)
5
10
20
30
40
50
60
70
80
90
M
50.40
49.38
49.16
48.40
47.60
46.72
45.03
44.32
43.62
42.69
O utput C urre nt a s a Func tiono R e xt va lue
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
11
12
13
Re xt(KΩ)
Output Current as a Function of Output Voltage
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
Vout (V)
In order to obtain a good performance of constant-current output, a suitable output voltage is
necessary. Users can get related information about the minimum output voltage above.
*1 Iout is typical current value setting under 100% PWM duty cycle and 95 D
GBC Value.
Iout (mA) ~
Vrext (V)
Rrext (KΩ)
× M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com