データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM11C データシート(PDF) 4 Page - Silicon Touch Technology Inc.

部品番号 DM11C
部品情報  8-bit Constant Current LED Driver with Error Detection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SITI [Silicon Touch Technology Inc.]
ホームページ  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM11C データシート(HTML) 4 Page - Silicon Touch Technology Inc.

  DM11C Datasheet HTML 1Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 2Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 3Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 4Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 5Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 6Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 7Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 8Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
8-bit Constant Current LED Driver with Error Detection
Version:A.002
Page 3
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM11C
Pin Connection
Pin Description
PIN No.
PIN NAME
FUNCTION
1
SOP16/TSSOP16: exposed pad
GND
Ground terminal.
2
DAI
Serial data input terminal.
3
DCK
Synchronous clock input terminal for serial data transfer. Data is
sampled at the rising edge of DCK.
4
LAT
Input terminal of data strobe. Data on shift register goes through
at the rising edge of LAT (edge trigger). Otherwise, data is
latched.
5~12
OUT0~7
Sink constant-current outputs (open-drain).
13
EN
Output enable terminal:
‘H’ for all outputs are turned off ,
‘L’ for all outputs are active.
14
DAO
Serial data output terminal.
15
REXT
External resistors connected between REXT and GND for output
current value setting.
16
VCC
Supply voltage terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com