| データシートサーチシステム |
|
ST1155A データシート(PDF) 7 Page - Silicon Touch Technology Inc. |
|
|
|||||||||||||||||||||||||||||
ST1155A データシート(HTML) 7 Page - Silicon Touch Technology Inc. |
|
7 / 7 page ![]() 點晶科技股份有限公司 SILICON TOUCH TECHNOLOGY INC. ST1155A ST1155A_A05.doc Version: A.05 -6- Package Specifications(SOP-14) Dimensions in Millimeter Dimensions in Inches SYMBOL MIN NOM MAX MIN NOM MAX A1.35 - 1.75 0.0532 - 0.0688 A1 0.10 - 0.25 0.0040 - 0.0098 A2 - ---- - B0.33 - 0.51 0.013 - 0.020 C0.19 - 0.25 0.0075 - 0.0098 D8.55 - 8.75 0.3367 - 0.3444 E3.8 - 4.0 0.1497 - 0.1574 e - 1.27 -- 0.050 - H5.8 - 6.2 0.2264 - 0.2440 L0.40 - 1.27 0.016 - 0.050 Y -- 0.10 -- 0.004 θ 0 ° - 8 ° 0 ° - 8 ° (14-pin SOP ) D EH B A1 e A A2 7 °(4X) θ C L y ST1155A xxxxxx* * The package marking “xxxxxx” is a lot number, and therefore being subject to change. The products listed herein are designed for ordinary electronic applications, such as electrical appliances, audio-visual equipment, communications devices and so on. Hence, it is advisable that the devices should not be used in medical instruments, surgical implants, aerospace machinery, nuclear power control systems, disaster/crime-prevention equipment and the like. Misusing those products may directly or indirectly endanger human life, or cause injury and property loss. Silicon Touch Technology, Inc. will not take any responsibilities regarding the misusage of the products mentioned above. Anyone who purchases any products described herein with the above-mentioned intention or with such misused applications should accept full responsibility and indemnify. Silicon Touch Technology, Inc. and its distributors and all their officers and employees shall defend jointly and severally against any and all claims and litigation and all damages, cost and expenses associated with such intention and manipulation. |