データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP9804-E/MC データシート(PDF) 37 Page - Microchip Technology

部品番号 MCP9804-E/MC
部品情報  짹0.25째C Typ. Accuracy Digital Temperature Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9804-E/MC データシート(HTML) 37 Page - Microchip Technology

Back Button MCP9804-E/MC Datasheet HTML 33Page - Microchip Technology MCP9804-E/MC Datasheet HTML 34Page - Microchip Technology MCP9804-E/MC Datasheet HTML 35Page - Microchip Technology MCP9804-E/MC Datasheet HTML 36Page - Microchip Technology MCP9804-E/MC Datasheet HTML 37Page - Microchip Technology MCP9804-E/MC Datasheet HTML 38Page - Microchip Technology MCP9804-E/MC Datasheet HTML 39Page - Microchip Technology MCP9804-E/MC Datasheet HTML 40Page - Microchip Technology MCP9804-E/MC Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
© 2009 Microchip Technology Inc.
DS22203A-page 37
MCP9804
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
8-Lead MSOP
Example
:
XXXXXX
YWWNNN
9804E
933256
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead DFN (2 x 3)
Example:
XXX
YWW
NN
AET
933
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54