データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSRML2R005DM データシート(PDF) 2 Page - American Accurate Components, Inc.

部品番号 CSRML2R005DM
部品情報  CURRENT SENSE - Molded Current Sense Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AAC [American Accurate Components, Inc.]
ホームページ  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CSRML2R005DM データシート(HTML) 2 Page - American Accurate Components, Inc.

  CSRML2R005DM Datasheet HTML 1Page - American Accurate Components, Inc. CSRML2R005DM Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
American Accurate Components, Inc.
CURRENT SENSE – Molded Current Sense Resistors
The content of this specification may change without notification 1/01/06
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
2
HEAT RISE CURVE
REEL SCHEMATIC
TAPE SCHEMATIC
PACKAGING SPECIFICATIONS
Reel Specification (mm)
Embossed Tape Specifications (mm)
Model
∅d
C
t
A
B
W
F
E
P1
T
CSRM-S1
180
13.0
1.2
3.7
6.8
12.0
5.5
1.75
8.0
1.5
CSRM-P1
180
13.0
1.2
5.0
6.9
12.0
5.5
1.75
8.0
1.4
CSRM-LS1
180
17.5
1.5
5.1
8.2
16.0
7.5
1.75
8.0
2.5
CSRM-L2
254
25.5
2.0
6.6
13.2
24.0
11.5
1.75
8.0
3.5
CSRM-L3
330
25.5
2.0
8.6
15.2
24.0
11.5
1.75
12.0
3.5
LABEL DESCRIPTION
One side surface of a reel is
marked with a label with the
following items of information.
1.
Chip Resistor
2.
Part Number
3.
Tolerance
4.
Quantity
5.
Lot number for production month/year/suffix L*
6.
Manufacturer’s name or symbol
* The suffix “L” indicates that this item is lead free. As
of September 2004, all new production items of the
series CSRM are no longer containing tin/lead (SnPb)
terminals; they are lead free and in compliance with
Lead Free/RoHS.



Html Pages

1 2