| データシートサーチシステム |
|
PIC18F44J10 データシート(PDF) 218 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F44J10 データシート(HTML) 218 Page - Microchip Technology |
|
218 / 368 page ![]() PIC18F45J10 FAMILY DS39682E-page 216 © 2009 Microchip Technology Inc. REGISTER 18-2: ADCON1: A/D CONTROL REGISTER 1 U-0 U-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 — — VCFG1 VCFG0 PCFG3 PCFG2 PCFG1 PCFG0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-6 Unimplemented: Read as ‘0’ bit 5 VCFG1: Voltage Reference Configuration bit (VREF- source) 1 =VREF- (AN2) 0 =VSS bit 4 VCFG0: Voltage Reference Configuration bit (VREF+ source) 1 =VREF+ (AN3) 0 =VDD bit 3-0 PCFG<3:0>: A/D Port Configuration Control bits: A = Analog input D = Digital I/O Note 1: AN5 through AN7 are available only on 40/44-pin devices. PCFG<3:0> 0000 A A A AAAA AA A A A A 0001 A A A AAAA AA A A A A 0010 A A A AAAA AA A A A A 0011 D A A AAAA AA A A A A 0100 D D A AAAA AA A A A A 0101 D D D AAAA AA A A A A 0110 D D D D AAA AA A A A A 0111 DD D D D A A A A A A A A 1000 D D D DDD A A A A A A A 1001 D D D DDDD A A A A A A 1010 D D D DDDD D A A A A A 1011 D D D DDDD DD A A A A 1100 D D D DDDD DD D A A A 1101 D D D DDDD DD D D A A 1110 D D D DDDD DD D D D A 1111 D D D DDDD DD D D D D |