| データシートサーチシステム |
|
PIC18F44J10 データシート(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F44J10 データシート(HTML) 5 Page - Microchip Technology |
|
5 / 368 page ![]() © 2009 Microchip Technology Inc. DS39682E-page 3 PIC18F45J10 FAMILY Pin Diagrams (Continued) 44-Pin QFN(1) RB7/KBI3/PGD RB6/KBI2/PGC RB5/KBI1/T0CKI/C1OUT RB4/KBI0/AN11 RB3/AN9/CCP2* RB2/INT2/AN8 RB1/INT1/AN10 RB0/INT0/FLT0/AN12 VDD VSS RD7/PSP7/P1D RD6/PSP6/P1C RD5/PSP5/P1B RD4/PSP4 RC7/RX/DT RC6/TX/CK RC5/SDO1 RC4/SDI1/SDA1 RD3/PSP3/SS2 RD2/PSP2/SDO2 MCLR RA0/AN0 RA1/AN1 RA2/AN2/VREF-/CVREF RA3/AN3/VREF+ VDDCORE/VCAP RA5/AN4/SS1/C2OUT RE0/RD/AN5 RE1/WR/AN6 RE2/CS/AN7 VDD VSS OSC1/CLKI OSC2/CLKO RC0/T1OSO/T1CKI RC1/T1OSI/CCP2* RC2/CCP1/P1A RC3/SCK1/SCL1 RD0/PSP0/SCK2/SCL2 RD1/PSP1/SDI2/SDA2 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 40-Pin PDIP (600 MIL) * Pin feature is dependent on device configuration. . * Pin feature is dependent on device configuration. Note 1: For the QFN package, it is recommended that the bottom pad be connected to VSS. 10 11 2 3 6 1 8 7 29 30 31 32 33 23 24 25 26 27 28 9 PIC18F44J10 OSC2/CLKO OSC1/CLKI VSS VDD RE2/CS/AN7 RE1/WR/AN6 RE0/RD/AN5 RA5/AN4/SS1/C2OUT VDDCORE/VCAP RC7/RX/DT RD4/PSP4 RD5/PSP5/P1B RD6/PSP6/P1C VSS VDD RB0/INT0/FLT0/AN12 RB1/INT1/AN10 RB2/INT2/AN8 RD7/PSP7/P1D 5 4 VSS VDD VDD PIC18F45J10 = Pins are up to 5.5V tolerant = Pins are up to 5.5V tolerant |