| データシートサーチシステム |
|
CSRMS1R005JM データシート(PDF) 2 Page - American Accurate Components, Inc. |
|
|
|||||||||||||||||||||||||||||
CSRMS1R005JM データシート(HTML) 2 Page - American Accurate Components, Inc. |
|
2 / 2 page ![]() American Accurate Components, Inc. CURRENT SENSE – Molded Current Sense Resistors The content of this specification may change without notification 1/01/06 188 Technology Drive, Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889 2 HEAT RISE CURVE REEL SCHEMATIC TAPE SCHEMATIC PACKAGING SPECIFICATIONS Reel Specification (mm) Embossed Tape Specifications (mm) Model ∅d C t A B W F E P1 T CSRM-S1 180 13.0 1.2 3.7 6.8 12.0 5.5 1.75 8.0 1.5 CSRM-P1 180 13.0 1.2 5.0 6.9 12.0 5.5 1.75 8.0 1.4 CSRM-LS1 180 17.5 1.5 5.1 8.2 16.0 7.5 1.75 8.0 2.5 CSRM-L2 254 25.5 2.0 6.6 13.2 24.0 11.5 1.75 8.0 3.5 CSRM-L3 330 25.5 2.0 8.6 15.2 24.0 11.5 1.75 12.0 3.5 LABEL DESCRIPTION One side surface of a reel is marked with a label with the following items of information. 1. Chip Resistor 2. Part Number 3. Tolerance 4. Quantity 5. Lot number for production month/year/suffix L* 6. Manufacturer’s name or symbol * The suffix “L” indicates that this item is lead free. As of September 2004, all new production items of the series CSRM are no longer containing tin/lead (SnPb) terminals; they are lead free and in compliance with Lead Free/RoHS. |