データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACT8342 データシート(PDF) 17 Page - Active-Semi, Inc

部品番号 ACT8342
部品情報  Three Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTIVE-SEMI [Active-Semi, Inc]
ホームページ  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8342 データシート(HTML) 17 Page - Active-Semi, Inc

Back Button ACT8342_08 Datasheet HTML 9Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 10Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 11Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 12Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 13Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 14Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 15Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 16Page - Active-Semi, Inc ACT8342_08 Datasheet HTML 17Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
ACT8342
Rev0, 26-May-08
PACKAGE INFORMATION
Innovative Power
TM
- 17 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
Active-Semi, Inc. reserves the right to modify the circuitry or specifications without notice. Users should evaluate each product to make
sure that it is suitable for their applications. Active-Semi products are not intended or authorized for use as critical components in life-
support devices or systems. Active-Semi, Inc. does not assume any liability arising out of the use of any product or circuit described in
this datasheet, nor does it convey any patent license.
Active-Semi and its logo are trademarks of Active-Semi, Inc. For more information on this and other products, contact sales@active-
semi.com or visit http://www.active-semi.com. For other inquiries, please send to:
1270 Oakmead Parkway, Suite 310, Sunnyvale, California 94085-4044, USA
PACKAGE OUTLINE
TQFN33-16 PACKAGE OUTLINE AND DIMENSIONS
D
E
E1
e
SYMBOL
DIMENSION IN
MILLIMETERS
DIMENSION IN
INCHES
MIN
MAX
MIN
MAX
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.153
D
2.900
3.100
0.114
0.122
E
2.900
3.100
0.114
0.122
D2
1.600
1.800
0.063
0.071
E2
1.600
1.800
0.063
0.071
b
0.180
0.300
0.007
0.012
e
0.500 TYP
0.020 TYP
L
0.300
0.500
0.012
0.020
K
0.200
0.400
0.008
0.016
0.006
0.253
0.010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17