データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF2119FU/2/F2 データシート(PDF) 72 Page - NXP Semiconductors

部品番号 PCF2119FU/2/F2
部品情報  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119FU/2/F2 データシート(HTML) 72 Page - NXP Semiconductors

Back Button PCF2119FU/2/F2 Datasheet HTML 68Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 69Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 70Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 71Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 72Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 73Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 74Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 75Page - NXP Semiconductors PCF2119FU/2/F2 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
72 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
C20
121
−745
−1464
LCD column driver output
C19
122
−745
−1534
C18
123
−745
−1604
C17
124
−745
−1674
C16
125
−745
−1744
C15
126
−745
−1884
C14
127
−745
−1954
C13
128
−745
−2024
C12
129
−745
−2094
C11
130
−745
−2164
C10
131
−745
−2234
C9
132
−745
−2304
C8
133
−745
−2374
C7
134
−745
−2444
C6
135
−745
−2514
C5
136
−745
−2584
C4
137
−745
−2654
C3
138
−745
−2724
C2
139
−745
−2794
C1
140
−745
−2864
R18
141
−745
−2934
LCD row driver output
R9
142
−745
−3004
R10
143
−745
−3074
R11
144
−745
−3144
R12
145
−745
−3214
R13
146
−745
−3284
R14
147
−745
−3354
R15
148
−745
−3424
R16
149
−745
−3494
dummy (VSS1) 150
−745
−3704
dummy
SCL
151
+745
−3704
I2C-bus serial clock input
SCL
152
+745
−3634
T3
153
+745
−3494
test pin 3
POR
154
+745
−3424
external Power-On Reset (POR) input
PD
155
+745
−3214
power-down mode select input
SDA
156
+745
−3004
I2C-bus serial data input/output
SDA
157
+745
−2934
R/W
158
+745
−2584
read/write input
RS
159
+745
−2374
register select input
DB0
160
+745
−2164
8-bit bidirectional data bus; bit 0
Table 45.
Pin location …continued
All X and Y coordinates are referenced to the center of the chip (dimensions in
µm).
Symbol
Pin
X
Y
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79