| データシートサーチシステム |
|
SC9RS08KA2J3CPC データシート(PDF) 88 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC9RS08KA2J3CPC データシート(HTML) 88 Page - Freescale Semiconductor, Inc |
|
88 / 134 page ![]() Analog Comparator (RS08ACMPV1) SC9RS08KA2 Series Data Sheet, Rev. 1 88 Freescale Semiconductor NOTE Comparator inputs are high impedence analog pins which are sensitive to noise. Noisy VDD and/or pin toggling adjacent to the analog inputs may cause the comparator offset/hysteresis performance to exceed the specified values. Maximum source impedence is restricted to the value specified in Table A-6. To achieve maximum performance device is recommended to enter WAIT/STOP mode for ACMP measurement and adjacent pin toggling must be avoided. |