| データシートサーチシステム |
|
IMX35 データシート(PDF) 66 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
IMX35 データシート(HTML) 66 Page - Freescale Semiconductor, Inc |
|
66 / 148 page ![]() i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6 Freescale Semiconductor 66 4.9.12 IPU—Sensor Interfaces This section contains a list of supported camera sensors, a functional description, and the electrical characteristics. 4.9.12.1 Supported Camera Sensors Table 49 lists the known supported camera sensors at the time of publication. 4.9.12.2 Functional Description There are three timing modes supported by the IPU. 4.9.12.2.1 Pseudo BT.656 Video Mode Smart camera sensors, which typically include image processing capability, support video mode transfer operations. They use an embedded timing syntax to replace the SENSB_VSYNC and SENSB_HSYNC signals. The timing syntax is defined by the BT.656 standard. This operation mode follows the recommendations of the ITU BT.656 specifications. The only control signal used is SENSB_PIX_CLK. Start-of-frame and active-line signals are embedded in the data stream. An active line starts with a SAV code and ends with an EAV code. In some cases, digital blanking is Table 49. Supported Camera Sensors1 1 Freescale Semiconductor does not recommend one supplier over another and in no way suggests that these are the only camera suppliers. Vendor Model Conexant CX11646, CX204902, CX204502 2 These sensors have not been validated at the time of publication. Agilant HDCP–2010, ADCS–10212, ADCS–10212 Toshiba TC90A70 ICMedia ICM202A, ICM1022 iMagic IM8801 Transchip TC5600, TC5600J, TC5640, TC5700, TC6000 Fujitsu MB86S02A Micron MI-SOC–0133 Matsushita MN39980 STMicro W6411, W6500, W65012, W66002, W65522, STV09742 OmniVision OV7620, OV6630, OV2640 Sharp LZ0P3714 (CCD) Motorola MC30300 (Python)2, SCM200142, SCM201142, SCM221142, SCM200272 National Semiconductor LM96182 |