| データシートサーチシステム |
|
MPC5643L データシート(PDF) 28 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5643L データシート(HTML) 28 Page - Freescale Semiconductor, Inc |
|
28 / 98 page ![]() MPC5643L Microcontroller Data Sheet, Rev. 3 Preliminary—Subject to Change Without Notice Package pinouts and signal descriptions Freescale Semiconductor 28 91 VDD_HV3 VDD_HV_IO 92 K17 A[3] / siul_GPIO[3] / etimer0_ETC[3] / dspi2_CS0 / flexpwm0_B[3] / mc_rgm_ABS[2] / siul_EIRQ[3] 93 VDD_LV1 VDD_LV_COR 94 VSS_LV2 VSS_LV_COR 95 H15 VDD_HV_REG_1 96 J16 VSS_HV_FLA 97 H16 VDD_HV_FLA 98 G17 G[6] / siul_GPIO[102] / flexpwm0_A[3] 99 G14 D[12] / siul_GPIO[60] / flexpwm0_X[1] / lin1_RXD 100 F17 G[4] / siul_GPIO[100] / flexpwm0_B[2] / etimer0_ETC[5] 101 F15 C[13] / siul_GPIO[45] / etimer1_ETC[1] / ctu0_EXT_IN / flexpwm0_EXT_SYNC 102 E16 G[2] / siul_GPIO[98] / flexpwm0_X[2] / dspi1_CS1 103 E15 C[14] / siul_GPIO[46] / etimer1_ETC[2] / ctu0_EXT_TGR 104 D17 G[3] / siul_GPIO[99] / flexpwm0_A[2] / etimer0_ETC[4] 105 D16 D[14] / siul_GPIO[62] / flexpwm0_B[1] / etimer0_ETC[3] 106 C17 F[12] / siul_GPIO[92] / etimer1_ETC[3] / siul_EIRQ[30] 107 D15 VPP_TEST 6 108 C16 A[4] / siul_GPIO[4] / etimer1_ETC[0] / dspi2_CS1 / etimer0_ETC[4] / mc_rgm_FAB / siul_EIRQ[4] 109 B15 B[0] / siul_GPIO[16] / can0_TXD / etimer1_ETC[2] / sscm_DEBUG[0] / siul_EIRQ[15] 110 C14 B[1] / siul_GPIO[17] / etimer1_ETC[3] / sscm_DEBUG[1] / can0_RXD / can1_RXD / siul_EIRQ[16] 111 A15 C[10] / siul_GPIO[42] / dspi2_CS2 / flexpwm0_A[3] / flexpwm0_FAULT[1] 112 B14 F[13] / siul_GPIO[93] / etimer1_ETC[4] / siul_EIRQ[31] 113 D13 F[15] / siul_GPIO[95] / lin1_RXD 114 A14 B[2] / siul_GPIO[18] / lin0_TXD / sscm_DEBUG[2] / siul_EIRQ[17] 115 C13 F[14] / siul_GPIO[94] / lin1_TXD 116 B13 B[3] / siul_GPIO[19] / sscm_DEBUG[3] / lin0_RXD 117 D12 E[13] / siul_GPIO[77] / etimer0_ETC[5] / dspi2_CS3 / siul_EIRQ[25] 118 A13 A[10] / siul_GPIO[10] / dspi2_CS0 / flexpwm0_B[0] / flexpwm0_X[2] / siul_EIRQ[9] 119 B12 E[14] / siul_GPIO[78] / etimer1_ETC[5] / siul_EIRQ[26] 120 D11 A[11] / siul_GPIO[11] / dspi2_SCK / flexpwm0_A[0] / flexpwm0_A[2] / siul_EIRQ[10] 121 B11 E[15] / siul_GPIO[79] / dspi0_CS1 / siul_EIRQ[27] Table 3. Concatenated pin names (continued) Pin No. 144 LQFP Ball No. 257 MAPBGA Concatenated Pin Names |